Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega163 Fiches technique(PDF) 25 Page - ATMEL Corporation

No de pièce ATmega163
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega163 Fiches technique(HTML) 25 Page - ATMEL Corporation

Back Button ATmega163 Datasheet HTML 21Page - ATMEL Corporation ATmega163 Datasheet HTML 22Page - ATMEL Corporation ATmega163 Datasheet HTML 23Page - ATMEL Corporation ATmega163 Datasheet HTML 24Page - ATMEL Corporation ATmega163 Datasheet HTML 25Page - ATMEL Corporation ATmega163 Datasheet HTML 26Page - ATMEL Corporation ATmega163 Datasheet HTML 27Page - ATMEL Corporation ATmega163 Datasheet HTML 28Page - ATMEL Corporation ATmega163 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-15
1925C–AVR–3/03
3.8
Jumper Settings
A master microcontroller and the eight jumpers control the hardware settings of the
starter kit. During normal operation these jumpers should be mounted in the default
position. To configure the starter kit for advanced use, the jumpers can be removed or
set to new positions. The jumper settings and usage are explained in the following sec-
tion. The default setting of the jumpers are shown in Figure 3-20.
Figure 3-20. Default Jumper Setting
Table 3-4. Description of Jumpers
Jumper
Description of Default Setting
VTARGET
On-board VTARGET supply connected
AREF
On-board Analog Voltage Reference connected
RESET
On-board Reset System connected
XTAL1
On-board Clock System connected
OSCSEL
On-board Oscillator selected
BSEL2
Unmounted. Used for High-voltage Programming of ATmega8,
ATmega16, ATmega161, ATmega163, ATmega128, and ATmega323
PJUMP
Unmounted. Used for High-voltage Programming of AT90S2333,
AT90S4433, and ATmega8
VTARGET
AREF
RESET
XTAL1
OSCSEL
BSEL2
PJUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61