Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega48P Fiches technique(PDF) 4 Page - ATMEL Corporation

No de pièce ATmega48P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48P Fiches technique(HTML) 4 Page - ATMEL Corporation

  ATmega48P Datasheet HTML 1Page - ATMEL Corporation ATmega48P Datasheet HTML 2Page - ATMEL Corporation ATmega48P Datasheet HTML 3Page - ATMEL Corporation ATmega48P Datasheet HTML 4Page - ATMEL Corporation ATmega48P Datasheet HTML 5Page - ATMEL Corporation ATmega48P Datasheet HTML 6Page - ATMEL Corporation ATmega48P Datasheet HTML 7Page - ATMEL Corporation ATmega48P Datasheet HTML 8Page - ATMEL Corporation ATmega48P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
© 2013 / www.atmel.com
Atmel Capacitive Touch Solutions
For HMI and Car Infotainment Applications
Capacitive touch solutions are entering the automotive market in integrated centerstacks, touch panels, navigation systems
and radio HMI solutions. Atmel offers hardware and software library solutions for touch buttons, sliders and wheels as well as
a sophisticated touchscreen controller portfolio addressing screens and pads of all common sizes up to 12 inches and more.
All touch controllers are based on Atmel’s market-leading and patented charge transfer technology. They provide dedicated
functionalities that meet the specific automotive requirements, such as high-temperature behavior, reliable operation in
harsh environments and gloved operation.
The maXTouch® family comprises 6 touchscreen controllers with 143 to 768 nodes addressing different screen sizes, aspect
ratios and sensor pitches. They deliver the X/Y coordinates of up to 16 touches via the I2C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20