| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny11 Fiches technique(PDF) 41 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny11 Fiches technique(HTML) 41 Page - ATMEL Corporation |
|
41 / 61 page ![]() AVR STK500 User Guide 5-1 Rev. 1925C–AVR–3/03 Section 5 Using AVR Studio 5.1 Windows Software In this section, the supporting software for STK500 will be presented and an in-depth description of the available programming options is given. 5.2 Starting the Windows Software The software used for communicating with the STK500 development board is included in AVR Studio, version 3.2 and higher. For information on how to install this software, please see Section 4 on page 4-1. Once installed, AVR Studio can be started by double- clicking on the AVR Studio icon. If default install options are used, the program is located in the Windows “Start menu → Programs → Atmel AVR Tools” folder. 5.2.1 Starting STK500 Pressing the “AVR” button on the AVR Studio toolbar will start the STK500 user inter- face as shown in Figure 5-1. Figure 5-1. AVR Studio with STK500 User Interface |