Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK521 Fiches technique(PDF) 13 Page - ATMEL Corporation

No de pièce STK521
Description  Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK521 Fiches technique(HTML) 13 Page - ATMEL Corporation

Back Button STK521 Datasheet HTML 9Page - ATMEL Corporation STK521 Datasheet HTML 10Page - ATMEL Corporation STK521 Datasheet HTML 11Page - ATMEL Corporation STK521 Datasheet HTML 12Page - ATMEL Corporation STK521 Datasheet HTML 13Page - ATMEL Corporation STK521 Datasheet HTML 14Page - ATMEL Corporation STK521 Datasheet HTML 15Page - ATMEL Corporation STK521 Datasheet HTML 16Page - ATMEL Corporation STK521 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STK521 User Guide
2-11
8194B–AVR–01/12
2.7
Atmel STK521 test points
These are placed on both right and left side of the board for probes.
2.8
Extra functions
The STK521 includes a footprint for a ZIF QFN32 5x5 mm socket to evaluate QFN32 package. The
socket is not mounted but can be populated using the PN : QFN32(40)BT-0.5-02 from Enplas.
Table 2-6. STK521 test points.
Test Point
Function
Description
T1
GND
GND test point
T2
GND
GND test point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22