Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8987 Fiches technique(PDF) 2 Page - Mallory performance club

No de pièce 8987
Description  Start and Step Retard Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MALLORY [Mallory performance club]
Site Internet  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8987 Fiches technique(HTML) 2 Page - Mallory performance club

  8987 Datasheet HTML 1Page - Mallory performance club 8987 Datasheet HTML 2Page - Mallory performance club 8987 Datasheet HTML 3Page - Mallory performance club 8987 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATIONINSTRUCTIONS
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
Figure 2 Wiring the Control with an MSD 6 Series Ignition Control.
MAG PICKUP
(NOT USED)
POINTS
DISTRIBUTOR
WHITE
WHITE
STEP RETARD
PINK
ORANGE
BLACK
MOUNTING
It is suggested to mount the unit within easy reach for adjustments. The Control can be mounted
under the hood but should be away from direct engine heat sources. Make sure the wiring reaches
the connections and mark the mounting holes. Use an 1/8” bit to drill mounting holes and mount the
unit.
WIRING:
Red:
Red:
On/Off. Connects to a switched 12 volts.
Black:
Ground. Connects to ground.
Yellow:
Trigger output. Connects to the MSD Ignition’s White wire or Points input terminal.
Green/Violet: Magnetic Pickup Input. This 2-Pin connector plugs into the MSD crank trigger pickup
or magnetic pickup of an MSD Distributor. (Never use when the White wire is used).
White:
"Points" or Amplifier Input. Connects to points or amplifier trigger. (Never use when the
mag pickup is used).
Pink:
Retard activation wire. Activated when connected to 12 volts.
Important: After installation the engine’s mechanical timing must be checked and reset.



Html Pages

1 2 3 4