Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89682K Fiches technique(PDF) 21 Page - Aplus Intergrated Circuits

No de pièce P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APLUS [Aplus Intergrated Circuits]
Site Internet  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Fiches technique(HTML) 21 Page - Aplus Intergrated Circuits

Back Button P89682K Datasheet HTML 17Page - Aplus Intergrated Circuits P89682K Datasheet HTML 18Page - Aplus Intergrated Circuits P89682K Datasheet HTML 19Page - Aplus Intergrated Circuits P89682K Datasheet HTML 20Page - Aplus Intergrated Circuits P89682K Datasheet HTML 21Page - Aplus Intergrated Circuits P89682K Datasheet HTML 22Page - Aplus Intergrated Circuits P89682K Datasheet HTML 23Page - Aplus Intergrated Circuits P89682K Datasheet HTML 24Page - Aplus Intergrated Circuits P89682K Datasheet HTML 25Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
21
May 24 2016
I2C Command Timing Diagram:
Fig.19 I2C Command timing
* The data bit only can be changed in SCK low level , but it has to be latched before rising edge
of SCK.
* I2C Command function reference Fig. 8 CPU Serial Command Description.
Power up with RAMP-UP(PU2) or without RAMP-UP(PU1)
Fig. 20 Power-Up command timing
* Ramp up time : 160mS
Add stop condition after power on and internal chip configuration time finish.
In Power up command : After start condition signal, add delay time more than 300us to wake up device.
Power-down with RAMP-DOWN(PD2) or without RAMP-DOWN (PD1)
Fig. 21 Power-Down command timing
* Ramp down time : 160mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44