| Moteur de recherche de fiches techniques de composants électroniques |
|
MTP777 Fiches technique(PDF) 3 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
MTP777 Fiches technique(HTML) 3 Page - Aplus Intergrated Circuits |
|
3 / 8 page ![]() Integrated Circuits Inc. aMTP777 MAY 10, 2011 3 PIN CONFIGURATION PIN DESCRIPTIONS Pin Names Description VOUT1 PWM output to drive speaker directly VOUT2_COUT PWM output or COUT DAC output select by programmable option VSS Power Ground VSSA Analog Power Ground OSC Oscillator input VDD Positive Power Supply VDDA Analog Positive Power Supply VPP Positive Power for EPROM programming, NC during voice playback PB0~PB3 Programmable I/O port B PC0~PC3 Programmable I/O port C PD0~PD2 Programmable I/O port D PE0~PE3 Programmable I/O port E PF0~PF3 Programmable Input port F RSTB Reset pin, Low active; Note: PB, PC, PD, PE and PF ports are software programmable I/O pins that can be set to different configurations such as pure input, input with pull-up, input with pull-down and output. The programmable I/O pins set up will take effect immediately after chip RESET is applied. Pins for memory programming are: VDD, VDDA, VSS, VSSA, VPP, PB0, PB1, OSC, VOUT2 and RSTB. |