Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL28SRC01 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SL28SRC01
Description  One100-MHz differential SRC clocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28SRC01 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SL28SRC01 Datasheet HTML 1Page - Silicon Laboratories SL28SRC01 Datasheet HTML 2Page - Silicon Laboratories SL28SRC01 Datasheet HTML 3Page - Silicon Laboratories SL28SRC01 Datasheet HTML 4Page - Silicon Laboratories SL28SRC01 Datasheet HTML 5Page - Silicon Laboratories SL28SRC01 Datasheet HTML 6Page - Silicon Laboratories SL28SRC01 Datasheet HTML 7Page - Silicon Laboratories SL28SRC01 Datasheet HTML 8Page - Silicon Laboratories SL28SRC01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SL28SRC01
DOC#: SP-AP-0015 (Rev. 0.2)
Page 4 of 11
CIN
Input Pin Capacitance
1.5
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Pin Inductance
7
nH
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3VDD
V
IDD3.3V
Dynamic Supply Current
40
mA
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11