| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH4715AS Fiches technique(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH4715AS Fiches technique(HTML) 2 Page - OSRAM GmbH |
|
2 / 14 page ![]() 2016-01-29 2 Version 1.3 SFH 4715AS Maximum Ratings (TA = 25 °C) Characteristics (TA = 25 °C) Parameter Symbol Values Unit Operation and storage temperature range T op; Tstg -40 ... 125 °C Junction temperature T j 145 °C Reverse voltage V R 1 V Forward current I F 1500 mA Surge current (tp = 2 ms, D = 0) I FSM 3 A Power consumption Ptot 5.8 W ESD withstand voltage (acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM) VESD 2 kV Thermal resistance junction - solder point RthJS 9 K / W Note: For the forward current and power consumption please see "maximum permissible forward current" diagram Parameter Symbol Values Unit Peak wavelength (I F = 1 A, tp = 10 ms) (typ) λ peak 860 nm Centroid wavelength (IF = 1 A, tp = 10 ms) (typ) λ centroid 850 nm Spectral bandwidth at 50% of Imax (IF = 1 A, tp = 10 ms) (typ) ∆λ 30 nm Half angle (typ) ϕ ± 45 ° Dimensions of active chip area (typ) L x W 1 x 1 mm x mm Rise and fall times of I e ( 10% and 90% of Ie max) (I F = 3 A, RL = 50 Ω) (typ) t r / tf 11/ 14 ns Forward voltage (IF = 1 A, tp = 10 ms) (typ (max)) V F 3.2 (≤ 3.6) V Forward voltage (IF = 1.5 A, tp = 100 µs) (typ (max)) VF 3.35 (≤ 3.85) V Forward voltage (I F = 3 A, tp = 100 µs) (typ (max)) VF 3.8 (≤ 4.7) V Reverse current (V R = 5 V) I R not designed for reverse operation µA Total radiant flux (IF = 1.5 A, tp = 100 µs) (typ) Φ e 2000 mW |