| Moteur de recherche de fiches techniques de composants électroniques |
|
LM4874MH Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4874MH Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 21 page ![]() Typical Performance Characteristics MH Specific Characteristics (Continued) THD vs Frequency THD vs Frequency 20046999 V DD = 5V, RL =8 Ω,P OUT = 400mW, at (from top to bottom at 1kHz): A V = 21.6dB, AV = 15.6dB, A V = 10dB, AV = 6dB 20046943 V DD = 5V, RL =3 Ω,f IN = 20Hz, at (from top to bottom at 50mW): A V = 21.6dB, AV = 15.6dB, A V = 10dB, AV = 6dB THD vs Frequency THD vs Frequency 20046944 V DD = 5V, RL =3 Ω,f IN = 1kHz, at (from top to bottom at 50mW): A V = 21.6dB, AV = 15.6dB, A V = 10dB, AV = 6dB 20046945 V DD = 5V, RL =3 Ω,f IN = 20kHz, at (from top to bottom at 50mW): A V = 21.6dB, AV = 15.6dB, A V = 10dB, AV = 6dB www.national.com 5 |