| Moteur de recherche de fiches techniques de composants électroniques |
|
PD353X Fiches technique(PDF) 4 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
PD353X Fiches technique(HTML) 4 Page - OSRAM GmbH |
|
4 / 14 page ![]() 2006-01-23 4 PD243X, PD353X, PD443X PD243X Dimensions in mm (inch) PD353X Dimensions in mm (inch) IDOD5016 PD243X Z OSRAM YYWW V 6.35 (0.250) 3.18 (0.125) 3.56 (0.140) 25.4 (1.000) max. Location Pin 1 1.27 (0.050) 2.54 (0.100) typ. 1.78 (0.070) typ. ±0.1 (0.004) 0.46 (0.018) x 0.31 (0.012) typ. Pin 1 Indicator EIA Date Code Luminous Intensity 15.24 (0.600) At Seating Plane and centered on package Tolerance: 0.51 (0.020) Code IDOD5017 PD353X Z V OSRAM YYWW 4.45 (0.175) 8.89 (0.350) typ. 5.08 (0.200) typ. 35.56 (1.400) max. on package and centered At Seating Plane 15.24 (0.600) 6.35 (0.250) 2.54 (0.100) typ. 0.46 (0.018) x 0.31 (0.012) typ. Tolerance: 0.25 (0.010) unless max. Intensity Luminous EIA Date Code Part No. Pin 1 Identifier and ESD Warning 11.43 (0.450) Code |