Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UU9792G-P48-R Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce UU9792G-P48-R
Description  CMOS IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU9792G-P48-R Fiches technique(HTML) 6 Page - Unisonic Technologies

Back Button UU9792G-P48-R Datasheet HTML 2Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 3Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 9Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UU9792
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 15
www.unisonic.com.tw
QW-R125-047.a
FUNCTION DESCRIPTIONS (Cont.)
Command transfer method
Issue the Slave Address (01111100) after the start condition is generated.
Command input follows after the Slave Address. The least significant bit (LSB) of the Slave Address
determines if the operation to be done is Write or Read operation.
The MSB (command or data judgment bit) defines if the succeeding byte is a command or data.
When “Command or data judgment bit”= ‘1’, the next byte is a command.
When “Command or data judgment bit”= ‘0’, the next byte is display data.
S
Slave address
A
1 Command
A
1 Command
A
0 Command
A Display
… P
Once it enters display data transfer condition, it cannot input any command.
To input command again, please generate the “START condition” again.
If “START condition” or “STOP condition” is inputted in the middle of command transmission, the command will
be cancelled. If the Slave address is continuously inputted following “START condition”, it will be in command
input condition.
Please input “Slave Address” in the first data transmission after “START condition”.
When Slave Address cannot be recognized in the first data transmission, Acknowledge does not return and the
next transmission will be invalid. When data transmission is in invalid status and the “START condition” is
transmitted again, it will return to valid status.
Write display and transfer method
This device has Display Data RAM(DDRAM)of 20×4=80bit.
The relationship between data input and display data, DDRAM data and address are as follows.
S
0 1 1 1 1 1 0
A
Slave address
Command
0
0000000
Display Data
A
a b c d e f g h
A
P
I j k l m n o p
A
…
The 8-bit display data will be stored in the DDRAM. The address to be written is the address specified by
Address Set command, and the address is automatically incremented after every 4-bit of data.
Data can be continuously written in the DDRAM by transmitting Data continuously.
As data transfer to DDRAM is done every 4-bit data.
So it will be finished to transfer with no need to wait ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15