Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Q68000A8564 Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce Q68000A8564
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q68000A8564 Fiches technique(HTML) 2 Page - OSRAM GmbH

  Q68000A8564 Datasheet HTML 1Page - OSRAM GmbH Q68000A8564 Datasheet HTML 2Page - OSRAM GmbH Q68000A8564 Datasheet HTML 3Page - OSRAM GmbH Q68000A8564 Datasheet HTML 4Page - OSRAM GmbH Q68000A8564 Datasheet HTML 5Page - OSRAM GmbH Q68000A8564 Datasheet HTML 6Page - OSRAM GmbH Q68000A8564 Datasheet HTML 7Page - OSRAM GmbH Q68000A8564 Datasheet HTML 8Page - OSRAM GmbH Q68000A8564 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2006-01-23
2
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
Package Outlines
Dimensions in inch (mm)
Enlarged Character Font
Dimensions in inch (mm)
Ordering Information
Type
Color of Emission
Character Height
[inch] ([mm])
Ordering Code
HSDP2110S
red
0.200 (5.10)
Q68000A8560
HSDP2111S
yellow
Q68000A8561
HSDP2112S
high efficiency red
Q68000A8562
HSDP2113S
green
Q68000A8563
HSDP2114S
high efficiency green
Q68000A8564
HSDP2115S
soft orange
Q68000A8907
IDOD5019
5.34 (0.210)
42.67 (1.680) max.
2.67 (0.105)
Pin 1
Indicator
15.24 (0.600)
0.3 (0.012) typ.
2.19 (0.086)
4.79 (0.189)
2.54 (0.100) typ.
0.46 (0.018) typ.
HDSP211X Z
OSRAM
YYWW
V
Y
Part Number
Code
EIA Date
Intensity
Code
Color Bin
IDOD5201
C1
C2
C3
C4
C5
R1
R2
R3
R4
R5
R6
R7
2.85 (0.112)
0.65 (0.026) typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16