| Moteur de recherche de fiches techniques de composants électroniques |
|
UTRS3085G-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UTRS3085G-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 8 page ![]() UTRS3085 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 8 www.unisonic.com.tw QW-R113-015.c MARKING PIN CONFIGURATION 1 2 3 4 8 7 6 5 RO RE DE DI VCC B A GND PIN DESCRIPTION PIN NO. PIN NAME DESCRIPTION 1 RO Receiver output. 2 RE Receiver output enable. Drive RE low to enable RO; RO is high impedance when RE is high. Drive RE high and DE low to enter low-power shutdown mode. 3 DE Driver output enable. Drive DE high to enable driver outputs. These outputs are high impedance when DE is low. Drive RE high and DE low to enter low-power shutdown mode. 4 DI Driver input. With DE high, a low on DI forces non-inverting output low and inverting output high. Similarly, a high on DI forces non-inverting output high and inverting output low. 5 GND Ground 6 A Non-inverting receiver input and non-inverting driver output 7 B Inverting receiver input and inverting driver output 8 VCC Positive supply, 4.75V≤VCC≤5.25V BLOCK DIAGRAM RO DE DI GND RE VCC B A R D 1 2 3 45 6 7 8 |