| Moteur de recherche de fiches techniques de composants électroniques |
|
HSDP2114S Fiches technique(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
HSDP2114S Fiches technique(HTML) 5 Page - OSRAM GmbH |
|
5 / 16 page ![]() HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S 2006-01-23 5 Cascading Displays The HDSP211XS oscillator is designed to drive up to 16 other HDSP211XSs with input loading of 15 pF each. The following are the general requirements for cascading 16 displays together: • Determine the correct address for each display. • Use CE from an address decoder to select the correct display. • Select one of the Displays to provide the clock for the other displays. Connect CLKSEL to V CC for this display. • Tie CLKSEL to ground on other displays. • Use RTS to synchronize the blinking between the displays. Cascading Diagram IDCD5031 RD WR FL CLK CLK Display CC V D0-D7 A0-A4 CE Up to 14 more displays in between I/O SEL CE Display D0-D7 A0-A4 Data I/O Address Decoder Address Address Decode Chip 1 to 14 A6 A7 A9 WR FL RST RST 0 15 RD RST RD WR FL CLK SEL CLK I/O A8 |