| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS952001 Fiches technique(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952001 Fiches technique(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 17 page ![]() 5 Third party brands and names are the property of their respective owners. Integrated Circuit Systems, Inc. ICS952001 Preliminary Product Preview Serial Configuration Command Bitmap Note: PWD = Power-Up Default Note1: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. Byte4: Functionality and Frequency Select Register (default = 0) Bytes 0-3: Are reserved for external clock buffer. t i Bn o i t p i r c s e DD W P 2 t i B 4 : 7 t i B 2 t i B7 t i B6 t i B5 t i B4 t i B 0 0 0 0 0 1 e t o N 4 S F3 S F2 S F1 S F0 S FU P CM A R D SK L C ZP G AI C Pe g a t n e c e r P d a e r p S 000 0 0 7 6 . 6 67 6 . 6 67 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S n w o D % 5 . 0 - o t 0 000 0 1 0 0 . 0 0 10 0 . 0 0 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S n w o D % 5 . 0 - o t 0 000 1 0 0 0 . 0 0 10 0 . 0 0 27 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S n w o D % 5 . 0 - o t 0 000 1 1 0 0 . 0 0 13 3 . 3 3 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S n w o D % 5 . 0 - o t 0 00 1 0 0 0 0 . 0 0 10 0 . 0 5 10 0 . 0 60 0 . 0 60 0 . 0 3d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 0 1 0 0 . 0 0 10 0 . 5 2 10 5 . 2 60 5 . 2 65 2 . 1 3d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 1 0 0 0 . 0 0 10 0 . 0 6 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 00 1 1 1 0 0 . 0 0 13 3 . 3 3 10 0 . 0 87 6 . 6 63 3 . 3 3d a e r p S n w o D % 5 . 0 - o t 0 01 0 0 0 0 0 . 0 0 10 0 . 0 0 27 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 01 0 0 1 0 0 . 0 0 17 6 . 6 6 10 5 . 2 60 5 . 2 65 2 . 1 3d a e r p S n w o D % 5 . 0 - o t 0 01 0 1 0 0 0 . 0 0 17 6 . 6 6 13 4 . 1 73 3 . 3 87 6 . 1 4d a e r p S r e t n e C % 5 2 . 0 - / + 01 0 1 1 0 0 . 0 83 3 . 3 3 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 0 0 0 0 . 0 83 3 . 3 3 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 0 1 0 0 . 5 90 0 . 5 93 3 . 3 63 3 . 3 67 6 . 1 3d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 1 0 0 0 . 5 97 6 . 6 2 13 3 . 3 63 3 . 3 67 6 . 1 3d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 1 1 7 6 . 6 67 6 . 6 60 0 . 0 50 0 . 0 50 0 . 5 2d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 0 0 0 0 . 5 0 10 0 . 0 4 10 0 . 0 70 0 . 0 70 0 . 5 3d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 0 1 0 9 . 0 0 10 9 . 0 0 17 2 . 7 67 2 . 7 63 6 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 1 0 0 0 . 8 0 10 0 . 4 4 10 0 . 2 70 0 . 2 70 0 . 6 3d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 1 1 0 9 . 0 0 13 5 . 4 3 17 2 . 7 67 2 . 7 63 6 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 0 0 0 0 . 2 1 13 3 . 9 4 17 6 . 4 77 6 . 4 73 3 . 7 3d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 0 1 3 3 . 3 3 10 0 . 0 0 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S n w o D % 5 . 0 - o t 0 10 1 1 0 3 3 . 3 3 13 3 . 3 3 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 1 1 3 3 . 3 3 17 6 . 6 6 17 6 . 6 67 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 0 0 0 0 . 0 0 10 0 . 3 3 10 0 . 0 87 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 0 1 0 0 . 0 0 10 0 . 0 0 10 0 . 0 87 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 1 0 0 0 . 0 0 17 6 . 6 6 13 3 . 3 80 5 . 2 65 2 . 1 3d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 1 1 3 3 . 3 3 10 0 . 0 6 10 0 . 0 87 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 111 0 0 0 0 . 0 0 10 0 . 3 3 10 0 . 0 0 17 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 111 0 1 0 0 . 0 0 10 0 . 0 0 10 0 . 0 0 17 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 111 1 0 0 0 . 0 0 17 6 . 6 6 10 0 . 0 0 10 5 . 2 65 2 . 1 3d a e r p S r e t n e C % 5 2 . 0 - / + 111 1 1 3 3 . 3 3 10 0 . 0 6 10 0 . 0 0 17 6 . 6 63 3 . 3 3d a e r p S r e t n e C % 5 2 . 0 - / + 3 t i B s t u p n I d e h c t a L , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 2 , t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d e l b a n E m u r t c e p S d a e r p S - 1 0 0 t i B g n i n n u R - 0 s t u p t u o ll a e t a t s i r T - 1 0 |