Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSDP2113S Fiches technique(PDF) 5 Page - OSRAM GmbH

No de pièce HSDP2113S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2113S Fiches technique(HTML) 5 Page - OSRAM GmbH

  HSDP2113S Datasheet HTML 1Page - OSRAM GmbH HSDP2113S Datasheet HTML 2Page - OSRAM GmbH HSDP2113S Datasheet HTML 3Page - OSRAM GmbH HSDP2113S Datasheet HTML 4Page - OSRAM GmbH HSDP2113S Datasheet HTML 5Page - OSRAM GmbH HSDP2113S Datasheet HTML 6Page - OSRAM GmbH HSDP2113S Datasheet HTML 7Page - OSRAM GmbH HSDP2113S Datasheet HTML 8Page - OSRAM GmbH HSDP2113S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
5
Cascading Displays
The HDSP211XS oscillator is designed to drive up to 16 other HDSP211XSs with input loading of 15 pF each.
The following are the general requirements for cascading 16 displays together:
• Determine the correct address for each display.
• Use CE from an address decoder to select the correct display.
• Select one of the Displays to provide the clock for the other displays. Connect CLKSEL to V
CC for this display.
• Tie CLKSEL to ground on other displays.
• Use RTS to synchronize the blinking between the displays.
Cascading Diagram
IDCD5031
RD
WR
FL
CLK CLK
Display
CC
V
D0-D7 A0-A4
CE
Up to 14 more
displays in between
I/O
SEL
CE
Display
D0-D7 A0-A4
Data I/O
Address
Decoder
Address
Address Decode Chip 1 to 14
A6
A7
A9
WR
FL
RST
RST
0
15
RD
RST
RD
WR
FL
CLK
SEL
CLK
I/O
A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16