| Moteur de recherche de fiches techniques de composants électroniques |
|
DLR1414 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DLR1414 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 10 page ![]() 2006-01-23 6 DLR1414, DLO1414, DLG1414 X=Don’t care Typical Interconnection for 32 Characters Loading Data State Table WR A1 A0 D6 D5 D4 D3 D2 D1 D0 Display Digit 3 2 1 0 H previously loaded display G R E Y L L L H L L L H L H G R E E L L H H L H L H L H G R U E L H L H L L H H L L G L U E L H H H L L L L H L B L U E L L H H L L H H L H B L E E L L L H L H L H H H B L E W L X X see character code see character set IDCD5040 D31 D28 GND + V D24 D27 D20 D23 D16 D19 D15 D12 D11 D8 D7 D3 D4 D0 DATA ADDRESS D0-D6 A0, A1 7 2 7 6 5 4 0 2 1 3 74138 A2 WRITE A3 A4 A B C G ADDRESS |