| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2967IBPX-2626 Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2967IBPX-2626 Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 17 page ![]() Package Outline and Connection Diagram 10114203 Top View micro SMD 8-Bump micro SMD Package Code: BP 10114204 Top View Mini SO-8 Package 8-Lead Small Outline Integrated Circuit (SOIC) Package Code: MM Pin Description Name Pin Number Function micro SMD MSOP V OUT2 A1 7 Output voltage of the second LDO SD2 B1 6 Shutdown input for the second LDO BYPASS C1 5 Bypass capacitor for the bandgap GND C2 - Ground Substrate GND C3 4 Common Ground SD1 B3 3 Shutdown input for the first LDO V OUT 1 A3 2 Output voltage of the first LDO V IN A2 1, 8 Common input voltage for both LDOs www.national.com 4 |