| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3944 Fiches technique(PDF) 11 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3944 Fiches technique(HTML) 11 Page - National Semiconductor (TI) |
|
11 / 12 page ![]() Application Notes (Continued) REDUCING I Q WHEN LEDS ARE OFF In many applications, the LEDs and the LP3944 share the same V DD, as shown in Section Typical Application Circuit. When the LEDs are off, the LED pins are at a lower potential than V DD, causing extra supply current ( ∆I Q). To minimize this current, consider keeping the LED pins at a voltage equal to or greater than V DD. Application Circuit 20085315 20085314 FIGURE 9. Methods to Reduce I Q When LEDs Are Off www.national.com 11 |