| Moteur de recherche de fiches techniques de composants électroniques |
|
SRP5030TA-R47M Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP5030TA-R47M Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. SRP5030TA Series - Shielded Power Inductors L vs. I Charts 0 0 5.4 10.8 16.2 21.6 27.0 0.04 0.08 0.20 0 DC Current (A) SRP5030TA-R10Y 30 20 10 80 70 50 40 60 0.16 0.12 0 0 4.2 8.4 12.6 16.8 21.0 0.07 0.14 0.21 0.35 0 DC Current (A) SRP5030TA-R22M 30 20 10 80 70 50 40 60 0.28 DC Current (A) DC Current (A) DC Current (A) DC Current (A) DC Current (A) DC Current (A) DC Current (A) DC Current (A) DC Current (A) 0 05 10 15 20 0.15 0.30 0.60 0 DC Current (A) SRP5030TA-R33M 30 20 10 80 70 50 40 60 0.45 0 04 8 12 16 0.2 0.4 0.8 0 DC Current (A) SRP5030TA-R47M 30 20 10 80 70 50 40 60 0.6 0 0 2.75 5.50 8.25 11.0 0.5 1.0 2.0 0 SRP5030TA-1R0M 30 20 10 80 70 50 40 60 1.5 0 03 6 912 0.5 1.0 2.0 0 SRP5030TA-1R2M 30 20 10 80 70 50 40 60 1.5 0 02 4 6 810 0.6 1.2 1.8 3.0 0 SRP5030TA-1R5M 30 20 10 80 70 50 40 60 2.4 0 0 2.25 4.50 6.75 9.00 1 2 4 0 SRP5030TA-2R2M 30 20 10 80 70 50 40 60 3 0 02 4 68 1.5 3.0 6.0 0 SRP5030TA-3R3M 30 20 10 80 70 50 40 60 4.5 0 0 1.5 3.0 4.5 6.0 2 4 8 0 SRP5030TA-4R7M 30 20 10 80 70 50 40 60 6 0 0 0.9 1.8 2.7 3.6 4.5 2 4 10 0 SRP5030TA-5R6M 30 20 10 80 60 70 40 50 6 8 0 01 2 3 45 3 6 12 0 SRP5030TA-6R8M 30 20 10 80 70 50 40 60 9 0 0 0.7 1.4 2.1 2.8 3.5 5 10 20 0 SRP5030TA-100M 30 20 10 80 70 50 40 60 15 0 0 3.5 7.0 10.5 14.0 0.3 0.6 1.2 0 DC Current (A) SRP5030TA-R68M 30 20 10 80 70 50 40 60 0.9 |