Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS76KHZ Fiches technique(PDF) 2 Page - Dallas Semiconductor

No de pièce DS76KHZ
Description  76.8 kHz TCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS76KHZ Fiches technique(HTML) 2 Page - Dallas Semiconductor

  DS76KHZ Datasheet HTML 1Page - Dallas Semiconductor DS76KHZ Datasheet HTML 2Page - Dallas Semiconductor DS76KHZ Datasheet HTML 3Page - Dallas Semiconductor DS76KHZ Datasheet HTML 4Page - Dallas Semiconductor DS76KHZ Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS76KHz
2 of 5
DELTA FREQUENCY vs TEMPERATURE
POWER SUPPLY CONNECTIONS
Figure 1.0 shows how the DS76KHz should be connected when using two power supplies. VCC should be
between 4.5 and 5.5 volts while VBAT should be between 2.7 and 3.3 volts. Figure 2.0 shows how the
DS76KHz can be used when only a single supply is available. VCC should be grounded and VBAT should
then be held between 2.7 and 5.5 volts. The VBAT pin should be connected directly to a battery using no
external components. Figure 2.0 illustrates how the DS76KHz can be used in a single supply system.
DS76KHz CONNECTIONS
VCC
Figure 1.0
Figure 2.0
Figure 3.0



Html Pages

1 2 3 4 5