| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF4039 Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4039 Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 2 page ![]() SAW BANDPASS FILTER PART NO.: ACTF4039-448.0-DCC6 The ACTF4039-448.0-DCC6 is a low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter in a surface-mount ceramic DCC6 case for FRS & PMR. 1. Package Dimension (DCC6) 2. Marking 3. Matching Circuit Top View, Laser Printing 4. Typical Frequency Response Pin Configuration 2 Input 5 Output 1, 3, 4, 6 Ground Sign Data (unit: mm) Sign Data (unit: mm) A 1.90±0.1 E 1.35±0.15 B 0.64±0.1 (x6) F 3.80±0.15 C 1.00±0.1 (x5) G 3.80±0.15 D 1.27±0.1 (x4) |
Numéro de pièce similaire - ACTF4039 |
|
Description similaire - ACTF4039 |