| Moteur de recherche de fiches techniques de composants électroniques |
|
HS35F-62-R2-SS-12GC Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HS35F-62-R2-SS-12GC Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 7230 Hollister Ave., Goleta, CA 93117-2807 | www.beisensors.com Specification No. 02070-001 Rev.5-14 These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry, and Security, Export Administration regulations. Diversion contrary to U.S law is prohibited. HS35 Absolute Encoder Built on the same rugged design as the incremental model, the HS35 Absolute Encoder is available with various output options including Gray Code and Natural Binary. Designed with a cast aluminum hous- ing, a sealed connector and shaft seals, it carries an IP65 environ- mental rating. With the optional insulating inserts, it can be mounted on smaller diameter shafts. It is designed for either a through shaft mounting or blind shaft mounting with a closed cover to maintain its environmental rating. Electrical Specifications Options: Parallel: NB or GC 12-14 Bits (see Table 1) Serial (S3): 12-16 Bits (see Table 3) Analog: (A1-A5) 12-16 Bits (see Table 2) Counts Per Shaft Turn: 4096–65536 depending on options Count Transition Accuracy: ± 1/2 bit maximum (Consult factory over 13 Bits) Supply Voltage: 5–28 VDC ; 13-28 VDC for Analog Current Requirements: 120 mA typical Output Formats: Parallel: Gray Code, Natural Binary, Serial and Analog Voltage/Output: (see note 2) 28V/V: Line Driver, 5–28 VDC in, Vout = Vin 28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC 28V/OC: Open Collector, 5–28 VDC in, OCout SSI: 5–28 VDC in/5Vout (consult factory for more information) Analog: A1-A5 Protection Level: Reverse, overvoltage and output short circuit protection Frequency Response: 500kHz or 6000 RPM (Parallel) Output Termination Pinouts: see tables For S3 options, reference Spec Addendum 02087-005 For A1-A5 options, reference Spec Addendum 02088-002 Mechanical & Environmental Specs Shaft Bore: many diameters from .375 to 1.000 inch are available, including metric. (Consult factory for details) Allowable Misalignment: 0.005” T.I.R. on mating shaft 0.75” from shaft end Bore Runout: 0.001 T.I.R. maximum Starting Torque at 25°C: Through shaft version (SS) = 7 in-oz (max); Blind shaft version (BS) = 4 in-oz max Bearings: 52100 SAE High carbon steel Shaft Material: 416 Stainless Steel Bearing Housing: Die cast aluminum with protective finish Cover: Die cast aluminum with protective finish Bearing Life: 7.5 X 109 revs (50,000 hours @ 2500 RPM) Maximum RPM: 6,000 mechanical (see frequency response, above) Moment of Inertia: 0.019 oz-in-sec2 Weight: 18oz typical Temperature: Operating, 0° to 70°C; Extended temperature ratings are available in the following ranges: -40 to 70°C, -40 to 85°C. Extended temperature ranges can affect other perfomance factors. NOTES & TABLES: All notes and tables referred to in the text can be found on pages 2 &3. The HS35 Absolute Encoder is available with the following certification: EN 55011 and EN 61000-6-2 NuMBER OF BITS: 12 = 12 Bits, 4096 counts 13 = 13 Bits, 8192 counts 14 = 14 Bits, 16384 counts 15 = 15 Bits, 32768 Counts 16 = 16 Bits, 65536 counts HOuSING : F = Standard HS35 Absolute Encoder Ordering Options FORASSISTANCECALL800-350-2727 Use this diagram, working from left to right to construct your model number (example: HS35F-100-R1-SS-12GC-28V/V-CW-SM14/19). All notes and tables referred to can be found on the back of this page. TYPE: HS = Hollow Shaft 35 = 3.5” Encoder Diameter SHAFT SEAL CONFIGuRATION: SS = Through Shaft Rubber Seals BS = Blind Shaft Rubber Seal FS = Through Shaft Felt Seals BFS = Blind Shaft Felt Seal See note 1 OuTPuT TERMINATION: SM14/19 = 19 Pin connector; SCS = Shielded/Jacketed Cable with Cable Seal. Length of Cable is specified in inches (i.e. SCS18 = 18 inches) SM18 = MS3102R18-1P (A1–A5 and S3 outputs only) (Consult factory for more information) TETHER: R1 = Tether Block and Pin R2 = Tether Arm COdE TYPE: GC = Gray Code NB = Natural Binary *Leave blank for A1-A5 dIRECTION OF COuNT: CW = Clockwise increasing count CCW = Counter clockwise increasing count SPECIAL FEATuRES: S = Special features specified on purchase order See note 3 (consult factory for more information) SHAFT BORE: 100 = 1.00” 87 = 0.875” 75 = 0.75” 62 = 0.625” 50 = 0.50” etc VOLTAGE/OuTPuT: 28V/V = 5-28Vin/out 28V/5 = 5-28Vin/5Vout 28V/OC = 5-28Vin/OCout S3 = SSI A1 = 4-20mA A2 = 0-10V A3 = 0-20mA A4 = 0-5V A5 = 0-24mA See note 2 (consult factory for more information) X = Express Encoder EXPRESS ENCOdERS: ITEMS HIGHLIGHTED WITH ARE STANDARD EXPRESS ENCODERS AND SHIP IN ONE TO THREE DAyS. BEI and Express Encoder are registered trade- marks of BEI Sensors and Sytems Company. |
Numéro de pièce similaire - HS35F-62-R2-SS-12GC |
|
Description similaire - HS35F-62-R2-SS-12GC |