| Moteur de recherche de fiches techniques de composants électroniques |
|
UH255G-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UH255G-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD UH255 CMOS IC www.unisonic.com.tw 1 of 6 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R118-027.a SMART MOTOR DRIVER WITH INTEGRATED HALL SENSOR DESCRIPTION The UH255 is a single coil motor driver with integrated Hall sensor.Lock-shutdown and auto-restart function protects the motor from being over-heated and restarts the motor after being locked. The rotation speed function is also integrated in the UH255, the system could detect the rotation speed of motor when using UH255 by the ‘FG’ pin. The UH255 also uses Soft-switch phase-switching technique to reduce the vibration and acoustic noise. PWM is used for the speed control for UH255.Two types of PWM input signals could be used: voltage mode PWM & pulse mode PWM. FEATURES * Soft switching output driver. * Built-in Hall sensor motor driver. * Motor lock protection and automatic restart. * Thermal shutdown protection. * PWM speed control. SOT-26 4 5 3 2 1 6 ORDERING INFORMATION MARKING Ordering Number Package Packing UH255G-AG6-R SOT-26 Tape Reel |
Numéro de pièce similaire - UH255G-AG6-R |
|
Description similaire - UH255G-AG6-R |