Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F08/F08CT Fiches technique(PDF) 6 Page - XP Power Limited

No de pièce F08/F08CT
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XPPOWER [XP Power Limited]
Site Internet  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F08/F08CT Fiches technique(HTML) 6 Page - XP Power Limited

  F08/F08CT Datasheet HTML 1Page - XP Power Limited F08/F08CT Datasheet HTML 2Page - XP Power Limited F08/F08CT Datasheet HTML 3Page - XP Power Limited F08/F08CT Datasheet HTML 4Page - XP Power Limited F08/F08CT Datasheet HTML 5Page - XP Power Limited F08/F08CT Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4722AV03
PAGE 6
WWW.XPPOWER.COM
OPTION CODE TABLE
F SERIES
* Notes:
1. At maximum rated output voltage.
2. Output voltage is load dependent. Under light or no load conditions, reduce input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 1 hour warm up, full load, at 25C unless otherwise indicated.
4. Ripple specification for dual output units applies to the voltage between the positive and negative output terminals.
5. Proper thermal management techniques are required to maintain safe case temperature at maximum power output
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.
HOW TO ORDER
Model
Output Voltage (See table)
EXAMPLE: F30CTH (F-Model, 30-Output Voltage, CT-Center Tap, H-Holes)
PART NUMBER SELECTOR:
Model Number:
F30CTH
Mounting Holes (optional)
Center Tap (for dual output option)
OPTION
ORDER CODE
MODELS
POLARITY
Positive / Negative reversible
Blank
ALL
Dual Output (center tap) option
CT
ALL
OPTIONS
ROHS
R
ALL
Mounting Holes
H
UP TO 6KV



Html Pages

1 2 3 4 5 6