| Moteur de recherche de fiches techniques de composants électroniques |
|
KP1510HTLD Fiches technique(PDF) 1 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KP1510HTLD Fiches technique(HTML) 1 Page - COSMO Electronics Corporation |
|
1 / 14 page ![]() Cosmo Electronics Corp. Document No. 69P51006.2 - 1 - http://www.cosmo-ic.com cosmo KP1510 Series 8PIN IGBT GATE DRIVE PHOTOCOUPLER Description The KP1510 series consists of GaAlAs Light emitter diode and an integrated. This unit is 8-lead DIP package. KP1510 series is suitable for gate driving circuit of IGBT or power MOSFET. Schematic 1. N.C. 2. Anode 3. Cathode 4. N.C. 5. GND 6. Vo (Voltage Output) 7. Vo (Voltage Output) 8. Vcc Features 1. High noise immunity characterized by 25kV/μs minimum common mode rejection(CMR)at VCM=1500V 2. 2.5A maximum peak output current 3. ICC = 5mA maximum supply current 4. Wide supply voltage range from 15V to 30V 5. Fast power switching application – 500ns max. propagation delay – 100ns min. PWD protection scheme 6. Under Voltage Lock-Out (UVLO) with hysteresis 7. Industrial temperate range: -30°C to 115°C 8. MSL class 1 9. Agency Approvals: • UL Approved (No. E169586): UL1577 • c-UL Approved (No. E169586) • VDE Approved (No. 40020973): DIN EN60747-5-5 Applications • Industrial inverters • Switch mode power supply • AC/Brushless DC motor drives • IGBT/Power MOSFET gate drive Truth Table *The use of a 0.1μF bypass capacitor must be connected between pins 8 and 5 is recommended. LED OUTPUT Q1 Q2 ON HIGH LEVEL ON OFF OFF LOW LEVEL OFF ON 4 3 2 1 5 6 7 8 |
Numéro de pièce similaire - KP1510HTLD |
|
Description similaire - KP1510HTLD |