| Moteur de recherche de fiches techniques de composants électroniques |
|
UG5KG-AL6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG5KG-AL6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG5K DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R218-030.A GENERAL PURPOSE (DUAL DIGITAL RANSISTORS) FEATURES * Two DTC114Y chips in a SOT-363 package. EQUIVALENT CIRCUIT ORDERING INFORMATION Pin Assignment Ordering Number Package 1 2 3 4 5 6 Packing UG5KG-AL6-R SOT-363 G1 I1 O2 G2 I2 O1 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter UG5KG-AL6-R (1)Packing Type (2)Package Type (3)Green Package (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free and Lead Free MARKING |
Numéro de pièce similaire - UG5KG-AL6-R |
|
Description similaire - UG5KG-AL6-R |