| Moteur de recherche de fiches techniques de composants électroniques |
|
KAQW412STR Fiches technique(PDF) 9 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KAQW412STR Fiches technique(HTML) 9 Page - COSMO Electronics Corporation |
|
9 / 12 page ![]() Cosmo Electronics Corp. Document No. 69M21001.3 - 9 - http://www.cosmo-ic.com cosmo KAQW412 Series 8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT Numbering System KAQW412 X (Y) Note: KAQW412 = Part No. X = Lead form option ( blank、S or A ) Y = Tape and reel option ( TL、TR ) Option Description Packing quantity A (TL) surface mount type package + TL tape & reel option 1000 units per reel A (TR) surface mount type package + TR tape & reel option 1000 units per reel S (TL) small outline for surface mount type package + TL tape & reel option 2000 units per reel S (TR) small outline for surface mount type package + TR tape & reel option 2000 units per reel Recommended Pad Layout for Surface Mount Lead Form 1.9 1.2 8.3 6 8-pin SMD 1. Surface mount type. 2. Small outline for surface mount type. 8-pin SOP Unit:mm |