Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K20102DTL Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce K20102DTL
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K20102DTL Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  K20102DTL Datasheet HTML 1Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 2Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 3Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 4Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 5Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 6Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 7Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 8Page - COSMO  Electronics Corporation K20102DTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01001.2
- 1 -
http://www.cosmo-ic.com
cosmo
K2010 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Description
The K2010 series consist of an infrared emitting
diode, optically coupled to a phototransistor detector.
They are packaged in a 6-pin DIP package and available
in wide-lead spacing and SMD option.
Schematic
3
2
4
5
1
6
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base
Features
1.
Current transfer ratio
( CTR:Min. 60% at IF=2mA VCE=5V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Pb free and RoHS compliant
4.
MSL class 1
5.
Agency Approvals
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 101347): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950, EN60335
• SEMKO Approved: EN60065, EN60950, EN60335
Applications
• Registers, copies, automatic vending machines
• System appliances, measuring instruments
• Computer terminals, programmable controllers
• Communications, telephone, etc
• Electric home appliances, such as oil fan heaters, microwave oven, washer, refrigerator, air conditioner
• Medical instruments, physical and chemical equipment
• Signal transmission between circuits of different potentials and impedances
• Facsimile equipment, audio, video
• Switching power supply, laser beam printer


Numéro de pièce similaire - K20102DTL

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
K20102D COSMO-K20102D Datasheet
124Kb / 6P
High Reliability Photocoupler
More results

Description similaire - K20102DTL

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
6pin DIP photocoupler, triac driver output
logo
COSMO Electronics Corp...
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
PHOTOTRANSISTOR / PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com