Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9694 Fiches technique(PDF) 66 Page - Analog Devices

No de pièce AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9694 Fiches technique(HTML) 66 Page - Analog Devices

Back Button AD9694 Datasheet HTML 62Page - Analog Devices AD9694 Datasheet HTML 63Page - Analog Devices AD9694 Datasheet HTML 64Page - Analog Devices AD9694 Datasheet HTML 65Page - Analog Devices AD9694 Datasheet HTML 66Page - Analog Devices AD9694 Datasheet HTML 67Page - Analog Devices AD9694 Datasheet HTML 68Page - Analog Devices AD9694 Datasheet HTML 69Page - Analog Devices AD9694 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 66 of 101
Frame
Number
Converter
Number
Sample
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
9-Bit
PN
23-Bit
PN
User Repeat
User Single
3
1
0
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
1
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
4
0
0
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
0
1
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
0
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
1
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
Table 34. Physical Layer 10-Bit Input (Register 0x0573, Bits[5:4] = 'b01)
10-Bit Symbol
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
9-Bit PN
23-Bit
PN
User Repeat
User Single
0
0x155
0x000
(x) % 210
0x125
0x3FD
UP1[15:6]
UP1[15:6]
1
0x2AA
0x3FF
(x + 1) % 210
0x2FC
0x1C0
UP2[15:6]
UP2[15:6]
2
0x155
0x000
(x + 2) % 210
0x26A
0x00A
UP3[15:6]
UP3[15:6]
3
0x2AA
0x3FF
(x + 3) % 210
0x198
0x1B8
UP4[15:6]
UP4[15:6]
4
0x155
0x000
(x + 4) % 210
0x031
0x028
UP1[15:6]
0x000
5
0x2AA
0x3FF
(x + 5) % 210
0x251
0x3D7
UP2[15:6]
0x000
6
0x155
0x000
(x + 6) % 210
0x297
0x0A6
UP3[15:6]
0x000
7
0x2AA
0x3FF
(x + 7) % 210
0x3D1
0x326
UP4[15:6]
0x000
8
0x155
0x000
(x + 8) % 210
0x18E
0x10F
UP1[15:6]
0x000
9
0x2AA
0x3FF
(x + 9) % 210
0x2CB
0x3FD
UP2[15:6]
0x000
10
0x155
0x000
(x + 10) % 210
0x0F1
0x31E
UP3[15:6]
0x000
11
0x2AA
0x3FF
(x + 11) % 210
0x3DD
0x008
UP4[15:6]
0x000
Table 35. Scrambler 8-Bit Input (Register 0x0573, Bits[5:4] = 'b10)
8-Bit Octet
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
9-Bit
PN
23-Bit
PN
User Repeat
User Single
0
0x55
0x00
(x) % 28
0x49
0xFF
UP1[15:9]
UP1[15:9]
1
0xAA
0xFF
(x + 1) % 28
0x6F
0x5C
UP2[15:9]
UP2[15:9]
2
0x55
0x00
(x + 2) % 28
0xC9
0x00
UP3[15:9]
UP3[15:9]
3
0xAA
0xFF
(x + 3) % 28
0xA9
0x29
UP4[15:9]
UP4[15:9]
4
0x55
0x00
(x + 4) % 28
0x98
0xB8
UP1[15:9]
0x00
5
0xAA
0xFF
(x + 5) % 28
0x0C
0x0A
UP2[15:9]
0x00
6
0x55
0x00
(x + 6) % 28
0x65
0x3D
UP3[15:9]
0x00
7
0xAA
0xFF
(x + 7) % 28
0x1A
0x72
UP4[15:9]
0x00
8
0x55
0x00
(x + 8) % 28
0x5F
0x9B
UP1[15:9]
0x00
9
0xAA
0xFF
(x + 9) % 28
0xD1
0x26
UP2[15:9]
0x00
10
0x55
0x00
(x + 10) % 28
0x63
0x43
UP3[15:9]
0x00
11
0xAA
0xFF
(x + 11) % 28
0xAC
0xFF
UP4[15:9]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More