Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSW201X-201 Fiches technique(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

No de pièce MSW201X-201
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW201X-201 Fiches technique(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MSW201X-201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW201X-201 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW201x-201
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
5
Absolute Maximum Ratings
Parameter
Conditions
Absolute Maximum
Forward Current
Ant, TX or RX Port
DC Port
250 mA
150 mA
Reverse Voltage
TX or RX Port
DC Port
125 V
125 V
Forward Diode Voltage
IF = 250 mA
1.2 V
CW Incident Power Handling4
TX or Ant Port
Source & Load VSWR = 1.5:1,
TC = 85°C, cold switching
50 dBm
CW Incident Power Handling4
RX or Ant Port
Source & Load VSWR = 1.5:1,
TC = 85°C, cold switching
43 dBm
Peak Incident Power Handling4
RX or Ant Port
Source & Load VSWR = 1.5:1, TC = 85°C, cold switching,
Pulse Width = 10 µs, Duty Cycle = 1%
57 dBm
Total Dissipated RF & DC Power4
TC = 85°C, cold switching
8 W
Junction Temperature
+175°C
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Assembly Temperature
t = 10 s
+260°C
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these Class 1C
(HBM) devices. The moisture sensitivity level (MSL)
rating for this part is MSL 1.
Environmental Capabilities
The MSW204x-204 diode is capable of meeting the
environmental requirements of MIL-STD-202 and
MIL-STD-750.
4. Backside RF and DC grounding area of device must be completely solder attached to the RF circuit board vias for proper electrical and
thermal circuit grounding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com