Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8756 Fiches technique(PDF) 28 Page - Wolfson Microelectronics plc

No de pièce WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Fiches technique(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
28
REGISTER MAP
There are 9 registers with 9 bits per register. These can be controlled using the Control Interface.Table 22 below gives an overview of
all the WM8756 control registers. Details of each register’s function are summarised on the following pages (Table 23).
A6
A5
A4
A3
A2
A1
A0
D8
D7
D6
D5
D4
D3
D2
D1
D0
M0
00
00000
UPDATE
L0A7
L0A 6
L0A 5
L0A 4
L0A 3
L0A 2
L0A 1
L0A 0
M1
00
00001
UPDATE
R0A7
R0A 6
R0A 5
R0A 4
R0A 3
R0A 2
R0A 1
R0A 0
M2
00
00010
PL3
PL2
PL1
PL0
IZD
ATC
PDWN
DEEMPH
MUTE
M3
00
00011
REV2
REV1
REV0
IWL1
IWL0
BCP
LRP
FMT1
FMT0
M4
00
00100
UPDATE
L1A7
L1A 6
L1A 5
L1A 4
L1A 3
L1A 2
L1A 1
L1A 0
M5
00
00101
UPDATE
R1A7
R1A 6
R1A 5
R1A 4
R1A 3
R1A 2
R1A 1
R1A 0
M6
00
00110
UPDATE
L2A7
L2A 6
L2A 5
L2A 4
L2A 3
L2A 2
L2A 1
L2A 0
M7
00
00111
UPDATE
R2A7
R2A 6
R2A 5
R2A 4
R2A 3
R2A 2
R2A 1
R2A 0
M8
00
01000
UPDATE
MASTA7
MASTA 6
MASTA 5
MASTA 4
MASTA 3
MASTA 2
MASTA 1
MASTA 0
M9
00
01001
0
0
0
0000
ZCD
2SPD
Table 22 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39