Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3869G-S08-R Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce UC3869G-S08-R
Description  High voltage startup
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3869G-S08-R Fiches technique(HTML) 7 Page - Unisonic Technologies

  UC3869G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UC3869
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-110.c
OPERATION DESCRIPTION (Cont.)
Gate Output
The UTC UC3869 output stage is a fast totem pole gate driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance reliability. A good tradeoff is achieved through dead time control.
The low idle loss and good EMI system design is easier to achieve with this dedicated control scheme. An internal
16V clamp is added for MOSFET gate protection at higher than expected VDD input.
Protection Controls
The IC takes on more protection functions such as OVP, OLP and OTP etc. In case of those failure modes,the
driver works as follows.
OVP
The OVP will shut down the switching of the power MOSFET whenever VDD >VOVP. The OVP event as followed
Fig.3.
Fig.3 OVP case
Fig.4 OLP case
OLP
OLP will shut down driver when VFB> VOLP for continual a blanking time. The OLP event as followed Fig.4.
OTP
OTP will shut down driver when junction temperature TRT<VTH_OTP



Html Pages

1 2 3 4 5 6 7 8