Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UB2011G-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce UB2011G-S08-R
Description  Charge Termination by Minimum Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2011G-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies

  UB2011G-S08-R Datasheet HTML 1Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2011G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB2011
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R121-028 .a
ADVANCED LINEAR AND
SWITCH MODE CHARGE
MANAGEMENT IC FOR
LITHIUM-ION AND
LITHIUM-POLYMER
DESCRIPTION
UTC UB2011 used for 1-4 Series Circuit cells charging is
designed for portable electronics with lower cost. Its advantages of
high-accuracy voltage/current regulation, charging status indication,
temperature monitoring. In applications, the battery temperature is
continuously under monitor by using an external thermistor, if the
temperature is over user-defined threshold; UTC UB2011 inhibits
charge for safety concern.
UTC UB2011 charges the battery in conditioning, constant
voltage and constant current phases. If the battery voltage is lower
than the low-voltage threshold, a low current is used for
conditioning the battery. After the conditioning phase, the UTC
UB2011
applies a constant current that be set by an external
sense-resistor to the battery. The sense-resistor can be on the
battery without additional components. The constant current phase
continues until the battery reaches the charge-regulation voltage,
then the constant voltage phase is beginning. Charge stops when
the current tapers to the charge termination threshold.
FEATURES
* Ideal for 1-4 Series Circuit Cell Li-Ion or Li-Pol Packs
* High Accuracy of Voltage Regulation With Preset Voltages
* Optional Cell-Temperature Monitoring
* Current Regulation With Programmable Charge-Current
* Charge Termination by Minimum Current
* With Short-Circuit Protection
* With Thermal Protection
* Charge Status Output Pin
* Available for Linear and Switch-Mode charging
SOP-8


Numéro de pièce similaire - UB2011G-S08-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
UB2012 UTC-UB2012 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
UB2012 UTC-UB2012 Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AG-D08-T UTC-UB2012AG-D08-T Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012AG-S08-R UTC-UB2012AG-S08-R Datasheet
284Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
More results

Description similaire - UB2011G-S08-R

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP78073 POWER-LP78073 Datasheet
371Kb / 9P
Fixed Charge Current 700mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Silicon Touch Technolog...
DM13A-E SITI-DM13A-E Datasheet
787Kb / 23P
Minimum constant-current outputs: 0.3mA
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
Cycle-by-Cycle current limiting
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
2.0 A minimum peak output current
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
More results


Html Pages

1 2 3 4 5 6 7