Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4819LD Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4819LD
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4819LD Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4819LD Datasheet HTML 8Page - National Semiconductor (TI) LM4819LD Datasheet HTML 9Page - National Semiconductor (TI) LM4819LD Datasheet HTML 10Page - National Semiconductor (TI) LM4819LD Datasheet HTML 11Page - National Semiconductor (TI) LM4819LD Datasheet HTML 12Page - National Semiconductor (TI) LM4819LD Datasheet HTML 13Page - National Semiconductor (TI) LM4819LD Datasheet HTML 14Page - National Semiconductor (TI) LM4819LD Datasheet HTML 15Page - National Semiconductor (TI) LM4819LD Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Application Information (Continued)
HIGHER GAIN AUDIO AMPLIFIER
The LM4819 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However, if a closed-loop differential gain of greater
than 10 is required, a feedback capacitor (C
4)
may be
needed as shown in Figure 2 to bandwidth limit the amplifier.
This feedback capacitor creates a low pass filter that elimi-
nates possible high frequency oscillations. Care should be
taken when calculating the -3dB frequency in that an incor-
rect combination of R
3
and C
4
will cause rolloff before
20kHz. A typical combination of feedback resistor and ca-
pacitor that will not produce audio band high frequency rolloff
is R
3 = 20kΩ and C4 = 25pF. These components result in a
-3dB point of approximately 320 kHz. It is not recommended
that the feedback resistor and capacitor be used to imple-
ment a band limiting filter below 100kHz.
DS200136-24
Figure 2
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21