Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74LVC3G14G-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce U74LVC3G14G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC3G14G-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  U74LVC3G14G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74LVC3G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R126-041.B
PIN CONFIGURATION
FUNCTION TABLE
INPUT(A)
OUTPUT(Y)
H
L
L
H
Note: H: High voltage level; L: Low voltage level.
LOGIC DIAGRAM (positive logic)
Logic symbol
IEC logic symbol



Html Pages

1 2 3 4 5