Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74LVC1G3157G-AG6-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce U74LVC1G3157G-AG6-R
Description  Low ON Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G3157G-AG6-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  U74LVC1G3157G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U74LVC1G3157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-358.F
PIN CONFIGURATION
FUNCTION TABLE
INPUT(S)
OUTPUT(Y)
L
B0 Connected to A
H
B1 Connected to A
H=High Level
L=Low Level
LOGIC DIAGRAM
A
S
B1
B0
Logic Symbol
Analog Symbol



Html Pages

1 2 3 4 5