Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2824 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TDA2824
Description  DUAL POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2824 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TDA2824 Datasheet HTML 2Page - STMicroelectronics TDA2824 Datasheet HTML 3Page - STMicroelectronics TDA2824 Datasheet HTML 4Page - STMicroelectronics TDA2824 Datasheet HTML 5Page - STMicroelectronics TDA2824 Datasheet HTML 6Page - STMicroelectronics TDA2824 Datasheet HTML 7Page - STMicroelectronics TDA2824 Datasheet HTML 8Page - STMicroelectronics TDA2824 Datasheet HTML 9Page - STMicroelectronics TDA2824 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MOUNTING INSTRUCTION
The Rth j-amb of the TDA2824 can be reduced by sol-
dering the GND pins to a suitable copper area of the
printed circuit board (Figure 13) or to an external
heatsink (Figure 14).
The diagram of Figure 15 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side”
∂” oftwoequalsquarecopper areashaving
a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not ex-
ceed 260
°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure 13 : Example of P.C. Board Copper Area
which is used as Heatsink.
Figure 14 : External Heatsink Mounting Example.
Figure 15 : Maximum Dissipable Power and
Junction to Ambient Thermal
Resistance vs. Side ”
∂”.
Figure 16 : Maximum Allowable Power Dissipa-
tion vs. Ambient Temperature.
TDA2824
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10