| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF4072 Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4072 Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 2 page ![]() SAW BANDPASS FILTER PART NO.: ACTF4072-433.92-DCC6C The ACTF4072-433.92-DCC6C is a low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter in a surface-mount ceramic DCC6C case for remote control receivers. 1. Package Dimension (DCC6C) 2. Marking 3. Matching Circuit Laser Printing 4. Typical Frequency Response Pin Configuration 2 Input / Output 5 Output / Input 1, 3, 4, 6 Case Ground Sign Data (unit: mm) Sign Data (unit: mm) A 0.6 E 1.1 B 1.5 F 3.0 C 1.5 G 3.0 D 1.8 |
Numéro de pièce similaire - ACTF4072 |
|
Description similaire - ACTF4072 |