Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTF9272 Fiches technique(PDF) 7 Page - Advanced Crystal Technology

No de pièce ACTF9272
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9272 Fiches technique(HTML) 7 Page - Advanced Crystal Technology

  ACTF9272 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9272 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Reel Dimensions
Outer Packing
Type
Quantity
Dimension
Description
Weight
Carton Box Ⅰ
10000
190×190×95
0.85
Carton Box Ⅱ
20000
190×190×190
anti-static plastic bag & carton box
1 reel / bag
5 bags / box (10000 pcs)
10 bags / box (20000 pcs)
1.80
Unit: mm
Unit: kg
Recommended Soldering Profile
○C ACT 2015. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.



Html Pages

1 2 3 4 5 6 7