Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN1173 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TN1173
Description  Packing information for IPAD™, protection, rectifiers, thyristors and AC Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1173 Fiches technique(HTML) 5 Page - STMicroelectronics

  TN1173 Datasheet HTML 1Page - STMicroelectronics TN1173 Datasheet HTML 2Page - STMicroelectronics TN1173 Datasheet HTML 3Page - STMicroelectronics TN1173 Datasheet HTML 4Page - STMicroelectronics TN1173 Datasheet HTML 5Page - STMicroelectronics TN1173 Datasheet HTML 6Page - STMicroelectronics TN1173 Datasheet HTML 7Page - STMicroelectronics TN1173 Datasheet HTML 8Page - STMicroelectronics TN1173 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SOD123
4 ±0.1
4 ±0.1
1.55 ±0.05
1(+0.25/-0)
3.5 ±0.05
1.2 ±0.1
8 ±0.3
2 ±0.05
SOD128
4 ±0.1
4 ±0.1
1.50 ±0.10
1.55 ±0.05
5.5 ±0.05
1.25 ±0.05
12 ±0.2
2 ±0.05
SOD323
4 ±0.1
4 ±0.1
1.55 ±0.05
1(+0.25/-0)
3.5 ±0.05
1.2 ±0.1
8 ±0.3
2 ±0.05
SOD523
4 ±0.1
2 ±0.5
1.5 ±0.1
0.5 ±0.05
3.5 ±0.05
0.73 ±0.05
8 ±0.2
2 ±0.05
SOD723
4 ±0.1
2 ±0.5
1.5 ±0.1
0.5 ±0.05
3.5 ±0.05
0.62 ±0.05
8 ±0.2
2 ±0.05
SOD882
4 ±0.1
2 ±0.5
1.55 ±0.05
0.4 ±0.05
3.5 ±0.1
0.66 ±0.05
8 +0.3/-0.1
2 ±0.05
SOD882T
4 ±0.1
4 ±0.1
1.5 +0.1/-0
0.5 ±0.05.
3.5 ±0.05
0.53 ±0.05
8 +0.3/-0.1
2 ±0.05
SOT223
4 ±0.1
8 ±0.1
1.55 ±0.05
1.5 ±2.25
5.5 ±0.05
1.88 ±0.1
12 ±0.3
2 ±0.05
SOT23-3L
4 ±0.1
4 ±0.1
1.5 +0.1/-0
1min
3.5 ±0.05
1.2 ±0.1
8 +0.3/-0.1
2 ±0.05
SOT23-5L
4 ±0.1
4 ±0.1
1.5 +0.1/-0
1 min
3.5 ±0.05
1.4 ±0.1
8 +0.3/-0.1
2 ±0.05
SOT23-6L
4 ±0.1
4 ±0.1
1.5 +0.1/-0
1 min
3.5 ±0.05
1.4 ±0.1
8 +0.3/-0.1
2 ±0.05
SOT323
4 ±0.2
4 ±0.2
1.5 +0.1/-0
1 min
3.5 ±0.05
1.2 ±0.1
8 ±0.3
2 ±0.05
SOT323-5L
4 ±0.2
4 ±0.2
1.5 +0.1/-0
1 min
3.5 ±0.05
1.2 ±0.1
8 ±0.3
2 ±0.05
SOT323-6L
4 ±0.2
4 ±0.2
1.5 +0.1/-0
1 min
3.5 ±0.05
1.2 ±0.1
8 ±0.3
2 ±0.05
SOT663
4 ±0.1
4 ±0.1
1.5 +0.1/-0
1 min
3.5 ±0.05
0.69 ±0.05
8 +0.3/-0.1
2 ±0.05
SOT665
4 ±0.1
4 ±0.1
1.5 +0.1/-0
1 min
3.5 ±0.05
0.69 ±0.05
8 +0.3/-0.1
2 ±0.05
SOT666
4 ±0.1
4 ±0.1
1.5 +0.1/-0
1 min
3.5 ±0.05
0.69 ±0.05
8-0.1/+0.3
2 ±0.05
SOT883
4 ±0.1
2 ±0.05
1.5 +0.1/-0
0.4 ±0.05
3.5 ±0.3
0.66 ±0.05
8 +0.3/-0.1
2 ±0.05
SSOP20
4 ±0.1
12 ±0.1
1.55 ±0.05
1.5 min
7.5 ±0.1
2.62 ±0.1
16 +0.3/-0.1
2 ±0.1
SSOP24
4 ±0.1
12 ±0.1
1.5 +0.1/-0
1.5 min
7.5 ±0.1
2.5 ±0.1
16 ±0.3
2 ±0.05
ST01005
4 ±0.1
2 ±0.05
1.5 +-0.1
-
3.5 +-0.05
0.36+-0.03
8 +0.03 -0.01
2+-0.05
ST0201
4 ±0.2
4 ±0.2
1.5 ±0.1
-
3.5 ±0.03
0.6 ±0.02
8 +0.3/-0.1
2 ±0.5
Table 1. Surface mount devices - all dimensions in millimeters (continued)
Package
Drive hole
spacing
Component
spacing
Drive hole
diameter
Pocket hole
diameter
Distance
between hole
lines
Pocket
depth
Tape width
Hole
interval
B0
A
D0
D1
F
K
W
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23