| Moteur de recherche de fiches techniques de composants électroniques |
|
301201 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
301201 Fiches technique(HTML) 3 Page - Tyco Electronics |
|
3 / 6 page ![]() 408- 10033 STRATO- THERM Crimping Heads 3 of 6 Rev B Tyco Electronics Corporation Figure 4 Open Section of Splice in Slot in Locator Edge of Wire Barrel Sleeve Resting Against Locator Splice Crimp (First Crimp) Insulation Barrel Sleeve Wire Barrel Sleeve Insert Wire Conductor Through Insulation Barrel Sleeve and into Wire Barrel Sleeve Push Locator Up So That Splice Slides Through Slot in Locator Back Side of Tool Wire Barrel Sleeve Insulation Barrel Sleeve Insulation Barrel Sleeve Wire Barrel Sleeve Figure 5 Splice Terminal 5. Activate the tool to complete the crimp. The crimp tool automatically returns to the first position of the cycle when the crimp is complete. 6. Allow tool head to open FULLY. Remove the crimped terminal or splice from the crimping jaws. 7. To crimp the other half of the splice, reposition the uncrimped sleeve in the crimping jaws as described in Step 2. Follow Steps 3 through 6 to complete the crimp. 8. Refer to Section 5 and Figure 7 for crimp inspection. 4.2. Insulation Crimp Adjustment The insulation crimping section of the crimping head has three positions: 1—Tight; 2—Medium; and 3—Loose. 1. Insert insulation adjustment pins in Position 3. SeeFigure6. Always place both adjustment pins in the same position. See Figure 6. Figure 6 Insulation Adjustment Pin(s) (Ref) Positions 11 22 33 2. Place terminal or splice in crimping jaws, as shown in Figures 3 and 4. 3. Insert unstripped wire only into the insulation barrel of the terminal or splice. See Figures 3 and 4. 4. Crimp terminal or splice as described in Paragraph 4.1. 5. Remove terminal or splice. Bend wire forward and then backward. The terminal or splice should retain its grip on the wire. If the wire pulls out, reposition the insulation adjustment pins in the next tighter position and repeat crimping procedure. 6. Repeat adjustment as necessary until desired insulation grip is obtained. DO NOT use a tighter setting than required. NOTE i |