| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8281ECS/R Fiches technique(PDF) 392 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Fiches technique(HTML) 392 Page - Cirrus Logic |
|
392 / 392 page ![]() WM8281 392 Rev 4.0 REVISION HISTORY DATE REV DESCRIPTION OF CHANGES PAGE CHANGED BY 23/01/14 2.0 Initial version PH 13/06/14 3.0 Additional notes on SLIMbus Value Map & Information Map. JTAG Interface input pins all have internal pull-down resistors. Clarification of the TRIG_ON_STARTUP (automatic sample rate detection) behaviour. Typical performance data (power consumption and latency) added. 161-170 10, 305, 309 256 27, 28 PH 06/05/15 3.1 Clarification of LDOENA & LDOVDD pin requirements. Electrical Characteristics updated. Thermal characteristics data added. Power consumption data updated. Correction to PWMn_LVL description. Updates to DSP Clocking registers and controls. Added description of DSP DMA functions. Class-D phase inversion noted. Clarification to the AEC Loopback path description. Bus-keeper function on GPIO pins is removed. Clarification of Sleep Mode control using external DCVDD (not LDO1). Clocking required for FLL Interrupt. Updated recommendations for DCVDD decoupling. PH 11/01/16 4.0 Clarification of DCVDD, GPSWA, GPSWB voltage limits Electrical Characteristics updated. Power consumption data updated (earpiece and speaker playback) Sample Rate control requirements updated (*RATE, *FSL, *FSH) Clarification of SLIMbus requirements for different TP options. Recommended SLIMbus subframe mode (SM) selection noted. FLL set-up procedure updated Correction to FLLn_SS_SEL description. Noted constraints for using WSEQ_START to trigger WSEQ. 14, 22 19-21 29 102-120 168 173 276-278 287 296 PH |