| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8281ECS/R Fiches technique(PDF) 69 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Fiches technique(HTML) 69 Page - Cirrus Logic |
|
69 / 392 page ![]() WM8281 Rev 4.0 69 The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output mixer paths. If an attempt is made to enable an output mixer path, and there are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these circumstances.) The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See “General Purpose Input / Output” and “Interrupts” for further details. The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled. AIF2TXnMIX_VOL2 AIF2TXnMIX_VOL3 AIF2TXnMIX_VOL4 + AIF2TXnMIX_VOL1 AIF2TXnMIX_SRC1 AIF2TXnMIX_SRC3 AIF2TXnMIX_SRC4 AIF2TXnMIX_SRC2 AIF2 TXn AIF3TXnMIX_VOL2 AIF3TXnMIX_VOL3 AIF3TXnMIX_VOL4 + AIF3TXnMIX_VOL1 AIF3TXnMIX_SRC1 AIF3TXnMIX_SRC3 AIF3TXnMIX_SRC4 AIF3TXnMIX_SRC2 AIF3 TXn WM8281 supports 2 AIF3 Output mixers, ie. n = 1 or 2 AIF1TXnMIX_VOL2 AIF1TXnMIX_VOL3 AIF1TXnMIX_VOL4 + AIF1TXnMIX_VOL1 AIF1TXnMIX_SRC1 AIF1TXnMIX_SRC3 AIF1TXnMIX_SRC4 AIF1TXnMIX_SRC2 AIF1 TXn WM8280 supports 8 AIF1 Output mixers, ie. n = 1, 2, 3, 4, 5, 6, 7 or 8 WM8280 supports 6 AIF2 Output mixers, ie. n = 1, 2, 3, 4, 5 or 6 Figure 25 Digital Core AIF Outputs |