| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8281ECS/R Fiches technique(PDF) 164 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Fiches technique(HTML) 164 Page - Cirrus Logic |
|
164 / 392 page ![]() WM8281 164 Rev 4.0 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R3108 (0C24h) Misc Pad Ctrl 5 5 AIF2LRCLK_PU 0 AIF2LRCLK Pull-Up Control 0 = Disabled 1 = Enabled Note - when AIF2LRCLK_PD and AIF2LRCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF2LRCLK pin. 4 AIF2LRCLK_PD 0 AIF2LRCLK Pull-Down Control 0 = Disabled 1 = Enabled Note - when AIF2LRCLK_PD and AIF2LRCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF2LRCLK pin. 3 AIF2BCLK_PU 0 AIF2BCLK Pull-Up Control 0 = Disabled 1 = Enabled Note - when AIF2BCLK_PD and AIF2BCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF2BCLK pin. 2 AIF2BCLK_PD 0 AIF2BCLK Pull-Down Control 0 = Disabled 1 = Enabled Note - when AIF2BCLK_PD and AIF2BCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF2BCLK pin. 1 AIF2RXDAT_PU 0 AIF2RXDAT Pull-Up Control 0 = Disabled 1 = Enabled Note - when AIF2RXDAT_PD and AIF2RXDAT_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF2RXDAT pin. 0 AIF2RXDAT_PD 0 AIF2RXDAT Pull-Down Control 0 = Disabled 1 = Enabled Note - when AIF2RXDAT_PD and AIF2RXDAT_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF2RXDAT pin. Table 47 AIF2 Digital Pull-Up and Pull-Down Control |