Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXB1304 Fiches technique(PDF) 21 Page - Cree, Inc

No de pièce CXB1304
Description  XLamp LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1304 Fiches technique(HTML) 21 Page - Cree, Inc

Back Button CXB1304 Datasheet HTML 14Page - Cree, Inc CXB1304 Datasheet HTML 15Page - Cree, Inc CXB1304 Datasheet HTML 16Page - Cree, Inc CXB1304 Datasheet HTML 17Page - Cree, Inc CXB1304 Datasheet HTML 18Page - Cree, Inc CXB1304 Datasheet HTML 19Page - Cree, Inc CXB1304 Datasheet HTML 20Page - Cree, Inc CXB1304 Datasheet HTML 21Page - Cree, Inc CXB1304 Datasheet HTML 22Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc.. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® CXB1304 LED
notEs
Measurements
The luminous flux, radiant power, chromaticity and CRI measurements in this document are binning specifications only and solely
represent product measurements as of the date of shipment. These measurements will change over time based on a number of factors
that are not within Cree’s control and are not intended or provided as operational specifications for the products. Calculated values are
provided for informational purposes only and are not intended as specifications.
pre-release Qualification Testing
Please read the LeD Reliability Overview for details of the qualification process Cree applies to ensure long-term reliability for XLamp
LEDs and details of Cree’s pre-release qualification testing for XLamp LEDs.
Lumen Maintenance
Cree now uses standardized IES LM-80-08 and TM-21-11 methods for collecting long-term data and extrapolating LED lumen maintenance.
For information on the specific LM-80 data sets available for this LED, refer to the public LM-80 results document.
Please read the Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance testing and forecasting.
Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive current affect
the LED junction temperature.
rohs Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as
implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree representative or from the Product
Documentation sections of www.cree.com.
rEaCh Compliance
REACh substances of very high concern (SVHCs) information is available for this product. Since the European Chemical Agency (ECHA)
has published notice of their intent to frequently revise the SVHC listing for the foreseeable future, please contact a Cree representative
to insure you get the most up-to-date REACh Declaration. REACh banned substance information (REACh Article 67) is also available upon
request.
uL® recognized Component
Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/
UL 8750.
Vision advisory
WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please
refer to the LeD eye Safety application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22