Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC823 Fiches technique(PDF) 32 Page - Motorola, Inc

No de pièce MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Fiches technique(HTML) 32 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 28Page - Motorola, Inc MPC823 Datasheet HTML 29Page - Motorola, Inc MPC823 Datasheet HTML 30Page - Motorola, Inc MPC823 Datasheet HTML 31Page - Motorola, Inc MPC823 Datasheet HTML 32Page - Motorola, Inc MPC823 Datasheet HTML 33Page - Motorola, Inc MPC823 Datasheet HTML 34Page - Motorola, Inc MPC823 Datasheet HTML 35Page - Motorola, Inc MPC823 Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
Communication Processor Module
16-410
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.7.5 USING THE TIME-SLOT ASSIGNER FOR SYNCHRONIZATION. The time-slot
assigner offers a method to internally synchronize a SMCx Transparent channel without
using the SMSYNx pin. This method is similar to that of the SMSYNx pin, except that the
synchronization event is not the falling edge of the SMSYNx signal, but the first time-slot for
this SMCx receiver/transmitter after the frame sync indication. Refer to Section 16.7 The
Serial Interface with Time-Slot Assigner for further information about configuring
time-slots for the SMCs and SCCs.
The time-slot assigner allows the SMCx receiver and transmitter to be enabled
simultaneously and synchronized, a capability that the SMSYNx pin does not provide. Refer
to Figure 16-119 for an example of synchronization using the time-slot assigner.
Figure 16-119. Time-Slot Assigner Synchronization
TDM RX
SMC1
SMC1
TDM TX
SMC1
TDM TXSYNC
TDM TX CLOCK
SMC1
TDM RX SYNC
TDM RX CLOCK
AFTER TEN IS SET,
TRANSMISSION
BEGINS HERE
IF SMC RUNS OUT OF TX BUFFERS AND NEW ONES
ARE PROVIDED LATER, TRANSMISSION BEGINS AT
THE BEGINNING OF EITHER TIME-SLOT
AFTER REN IS SET
OR AFTER ENTER HUNT
MODE COMMAND,
RECEPTION
BEGINS HERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74