Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALC40DF331DF450 Fiches technique(PDF) 13 Page - Kemet Corporation

No de pièce ALC40DF331DF450
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF331DF450 Fiches technique(HTML) 13 Page - Kemet Corporation

Back Button ALC40DF331DF450 Datasheet HTML 7Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 8Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 9Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 10Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 11Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 12Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 13Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 14Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Marking
KEMET Logo
Rated Capacitance,
Capacitance Tolerance
Rated Voltage (VDC)
Part Number Code
Climatic Category
Made in The
European Union
Date of Manufacture,
Batch Number
Polarity Stripe (−)
(Not Shown)
Construction
Detailed Cross Section
Margin
Termination Pin (+)
Rubber Seal
Rubber Seal
Insulating Sleeve
Aluminum Can
with Safety Vent
Laser Welded
Terminal Tabs
Termination Pin
Laser Welded
Terminal Tab
Aluminum Can
Insulating Sleeve
Polarity Stripe (−)
(Not Shown)
Insulating End Disc
Termination Pin (−)
Paper Spacer Impregnated
with Electrolyte
(First Layer)
Paper Spacer Impregnated
with Electrolyte
(Third Layer)
Anode Aluminum Foil,
Etched, Covered with
Aluminum Oxide (Fourth
Layer)
Cathode Aluminum
Foil, Etched
(Second Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15