Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP0504BAHT Fiches technique(PDF) 5 Page - Littelfuse

No de pièce SP0504BAHT
Description  Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAHT Fiches technique(HTML) 5 Page - Littelfuse

  SP0504BAHT Datasheet HTML 1Page - Littelfuse SP0504BAHT Datasheet HTML 2Page - Littelfuse SP0504BAHT Datasheet HTML 3Page - Littelfuse SP0504BAHT Datasheet HTML 4Page - Littelfuse SP0504BAHT Datasheet HTML 5Page - Littelfuse SP0504BAHT Datasheet HTML 6Page - Littelfuse SP0504BAHT Datasheet HTML 7Page - Littelfuse SP0504BAHT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
224
www.littelfuse .com
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
B
1
2
3
4
5
6
e
E
HE
c
L
A1
A
D
A2
e
505
Outline Drawings
SP0505BAJT - SC70-6
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-6
5
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.031
0.043
0.00
0.10
0.00
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.65 BSC
0.026 BSC
0.079
0.094
0.010
0.018
M
N
O
P
R
S
T
-
-
-
-
-
-
-
1.60
1.30
0.65
0.70
0.35
0.90
2.50
0.063
0.052
0.026
0.058
0.014
0.035
0.098
-
-
-
-
-
-
-
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
502B
SP0502BAHT - SOT23
P
0
N
M
Package
Pins
JEDEC
A
A1
b
c
D
E
E1
e
e1
L1
SOT23
3
TO-236
mm
inches
min
max
min
max
0.89
1.12
0.035
0.044
0.01
0.1
0.0004
0.004
0.3
0.5
0.012
0.020
0.08
0.2
0.003
0.008
2.8
3.04
0.110
0.120
2.1
2.64
0.083
0.104
1.2
1.4
0.047
0.055
1.90 BSC
1.90 BSC
0.54 REF
0.54 REF
0.95 BSC
0.95 BSC
M
N
O
P
2.29
.090
0.95
.0375
0.78
.030TYP
0.78
.030TYP
Recommended Pad Layout
Recommended Pad Layout
P
T
+
++
+
++
+
S (REF)
N (REF)
M (REF)
O (REF)
R



Html Pages

1 2 3 4 5 6 7 8